Part Number Hot Search : 
MC10E1 24C08 3843B LXM16 264M64 P18N50 2700000 45020
Product Description
Full Text Search
 

To Download DR371-2-333 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 May 1, 2007
DR371-2 Series Radial Leaded Inductors
Features High Current Rating Height: 11mm Max Inductance Range: 0.39H - 33H Operating Temperature -55C to +125C Non-RoHS Versions are Available (Note 5) ELECTRICAL SPECIFICATIONS AT 25C
Part number DR371-2-391 DR371-2-471 DR371-2-561 DR371-2-801 DR371-2-901 DR371-2-102 DR371-2-122 DR371-2-152 DR371-2-222 DR371-2-103 DR371-2-333
Inductance (H) 1V @ 100kHz, 0Adc
0.39 0.47 0.56 0.8 0.9 1.0 1.2 1.5 2.2 10.0 33.0
DCR (m) Max.
0.7 0.75 0.75 1.00 1.00 1.32 1.36 1.72 2.5 11.2 42
Heating Current Idc (Note 3)
37 36 36 32 32 27 26 23.5 20 9 5
Saturating Current Idc (Note 4)
54 50 50 45 43 40 40 35 30 12 8
MECHANICAL SPECIFICATIONS
XXX
Part Number DR371-2-391 DR371-2-471 DR371-2-561 DR371-2-801 DR371-2-901 DR371-2-102 DR371-2-122 DR371-2-152 DR371-2-222 DR371-2-103 DR371-2-333
A 9.5 MAX 9.5 MAX 9.5 MAX 11.0 MAX 11.0 MAX 11.0 MAX 11.0 MAX 11.0 MAX 11.0 MAX 11.0 MAX 11.0 MAX
B 1.70.2 1.70.2 1.70.2 1.70.2 1.70.2 1.50.2 1.50.2 1.50.2 1.30.2 1.00.2 0.650.2
NOTES: 1. 2. 3. 4. 5. 6.
Dimensions are shown in inches/millimeters Inductance tolerance: 20% DC current that will cause a rise of 40C from ambient DC current causing a 30% drop in inductance For non-RoHS parts replace DR prefix with 42- (e.g. DR371-2 becomes 42-371-2) Terminal finish is compliant to RoHS requirements
DATATRONIC: 28151 Highway 74, Romoland, CA 92585
Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701 Email: ddisales@datatronics.com 499 King's Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290 All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of DR371-2-333

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X